Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
 

To Download 8TPC150M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and specifications are each subject to change without notice. ask factory for the current technical specifications befo re purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. conductive polymer tantalum solid capacitors s w1 h - w s r. voltage code lot. no. r.cap. code polarity marking(+) r. voltage code lot. no. r.cap. code polarity marking(+) surface mount type series : tpc features low pro? le (height 1.1 mm) rohs compliance, halogen free size code b1 d2 category temperature range C55 c to +105 c rated voltage range 6.3 v.dc to 12.5 v.dc 6.3 v.dc to 10 v.dc category voltage range 5.0 v.dc to 10.0 v.dc 6.3 v.dc to 10 v.dc rated capacitance range 10 f to 47 f 68 f to 330 f capacitance tolerance 20 % (120 hz / + 20 c) leakage current please see the attached characteristics list dissipation factor (tan d ) please see the attached characteristics list surge voltage (v.dc) rated voltage 1.15 endurance +105 c 2000h, (b1 size : 1000h) rated voltage appled ? rated temp. +85 c 1000h rated voltage applied capacitance change within 20 % of the initial value tan d < 1.5 times of the initial limit dc leakage current within the initial limit damp heat (steady state) +60 c, 90 % to 95 %, 500 h, no-applied voltage capacitance change within +40 %, ?20 % of the initial value tan d < 1.5 times of the initial limit dc leakage current < 3 times of the initial limit size code l0.2 w0.2 h0.1 s0.2 w10.1 b1 3.5 2.8 1.1 0.8 2.2 d2 7.3 4.3 1.9 1.3 2.4 r. voltage (v.dc) 6.3 8.0 10.0 12.5 code jkab r. cap. (f) 10 15 22 33 47 code a7 e7 j7 n7 s7 series rated voltage (v.dc) rated temp. (c) category voltage (v.dc) category temp. (c) rated capacitance (f) case size (mm) size code specifications standard lwh ripple ? 1 current (mar.m.s.) esr ? 2 (m max.) tan d ? 3 lc ? 4 (a) part number min. packaging q'ty (pcs) tpc 6.3 85 5.0 105 47 3.5 2.8 1.1 b1 1100 55 0.10 29.6 6tpc47m 3000 85 5.0 105 3.5 2.8 1.1 1000 70 0.10 29.6 6tpc47mb 3000 105 6.3 105 100 7.3 4.3 1.9 d2 1700 45 0.10 63.0 6tpc100m 3000 105 6.3 105 150 7.3 4.3 1.9 d2 1900 40 0.10 94.5 6tpc150m 3000 85 5.0 105 330 7.3 4.3 1.9 d2 1900 40 0.10 207.9 6tpc330ma 3000 8.0 85 6.3 105 22 3.5 2.8 1.1 b1 1000 70 0.10 17.6 8tpc22m 3000 105 8.0 105 150 7.3 4.3 1.9 d2 1900 40 0.10 120.0 8TPC150M 3000 10 105 10.0 105 68 7.3 4.3 1.9 d2 1700 45 0.10 68.0 10tpc68m 3000 105 10.0 105 100 7.3 4.3 1.9 d2 1700 45 0.10 100.0 10tpc100m 3000 12.5 85 10.0 105 10 3.5 2.8 1.1 b1 800 80 0.10 12.5 12tpc10m 3000 85 10.0 105 15 3.5 2.8 1.1 b1 800 80 0.10 18.8 12tpc15m 3000 ? 1 ripple current (100 khz/ +45 c ), ? 2 esr (100 khz/+20 c) ? 3 tan d (120 hz/+20 c) ? 4 after 5 minutes please refer to each page in this catarog for reflow conditions and taping specifications. unit : mm marking ? externals of ? gure are the reference. b1 size b1 size d2 size dimensions (not to scale) characteristics list specifi cations nov. 2015 01


▲Up To Search▲   

 
Price & Availability of 8TPC150M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X